Part Number Hot Search : 
C1394 MAX395 DD352 RF1127 8206B 0N06S S1ZA20 GRM21
Product Description
Full Text Search
 

To Download BT24005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BATRON
5 mm Character Height LCD Modules
31
BT 24005
2 Lines x 40 Characters
Dimensions [mm] I MECHANICAL DATA
Parameter Outline Dimensions Effective viewing area Dot Size Dot Pitch Character Matrix Character Size Character Pitch Weight Width x Height x Depth 182 x 33.5 x 10 (with LED: 14) 154.4 x 15.8 0.55 x 0.55 0.65 x 0.65 5x7 3.15 x 4.45 3.75 x 5.9 Approximate 80 (with LED: 90) Unit mm mm mm mm dots mm mm g 6 7 to 14 A Min. 0 0 VSS Max. 7.0 13.5 VDD Unit V V V C C K E DB0 to DB7 +VLED -VLED
Dot Size I PIN TABLE
Pin 1 2 3 4 5 Symbol VSS VDD V0 RS R/W Signal Description GND (0 V) Power Supply (5 V) Supply Voltage (LCD Driver) Register Select - LOW = Instruction, High = Data Read / Write LOW = MPU to LCM, HIGH = LCM to MPU Enable R / W = LOW: Data are taking over at falling edge of E R / W = HIGH: Data can be read at E = 1 Data Bus - Software selectable 4 or 8 Bit Mode Anode of LED Unit Cathode of LED-Unit
I ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage (Logic) Supply Voltage (LCD Driver) Input Voltage Operating Temperature Storage Temperature Symbol VDD (VDD-VSS) VEE (VDD-V0) VI TOP TST
See Page 11 See Page 11
I ADDITIONAL INFORMATION N Display Connector Type - without LED: 2 x 7 pin N Controller Type - SPLC 780 (1) or compatible
I ELECTRICAL CHARACTERISTICS
Condition: Ta = 25C, VDD = 5.0 0.25 V Parameter Input Voltage HIGH Input Voltage LOW Output Voltage HIGH Output Voltage LOW Supply Current (Logic) Supply Current (LCD Driver) Duty Ratio Symbol VINH VINL VOH VOL IDD I0 --Min. 2.2 --2.4 --------Typ --------1.5 0.5 1 / 16 Max. --0.6 --0.4 ------Unit V V V V mA mA ---
I BLOCK DIAGRAM
I LED BACKLIGHT (STANDARD COLOR GREEN)
Parameter Supply Voltage Supply Current Lamp Style LED Segments Symbol VF IF[at 25C] ----Min. 3.8 ------Typ 4.0 340 04 34 Max. 4.2 510 ----Unit V mA --pcs
Controller
Data Modul AG - Landsberger Str. 322 - 80687 Munchen - Tel. 089-56017-0 - Fax 089-56017-119 -
www.data-modul.de
Character LCD Modules


▲Up To Search▲   

 
Price & Availability of BT24005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X